Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download MUR140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR105 THRU MUR160
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER
VOLTAGE:50 TO 600V CURRENT: 1.0A
FEATURE
Ultrafast Nanosecond Recovery Times 150C Operating Junction Temperature Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction
DO-15
Mechanical Characteristics Case: Epoxy, Molded Weight: 0.4 gram (approximately) Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable solder heat resistance :265degreeC Max. for 10 Seconds, 1/16 from case Polarity: Cathode Indicated by Polarity Band Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Temperature Range
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj R(ja) Tstg, Tj
MUR 105 50 35 50
MUR 110 100 70 100
MUR 120 200 140 200 1.0 35
MUR 130 300 210 300
MUR 140 400 280 400
MUR 160 600 420 600
units V V V A A
0.875 10 50 25 25 27 -55 to +150
1.25
V
A A
50 50 nS pF
C /W
C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A6 www.gulfsemi.com
RATINGS AND CHARACTERISTIC MURVES MUR105 THRU MUR160
1
1
Rev.A6
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MUR140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X